PART |
Description |
Maker |
DXTP19020DP5 DXTP19020DP5-13 DXTP19020DP5-15 |
20V PNP HIGH GAIN TRANSISTOR PowerDI?5 20V PNP HIGH GAIN TRANSISTOR PowerDI垄莽5 Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors
|
Diodes Incorporated
|
2SD2144STPU 2SD2114KT146V 2SD2114KT146W |
High-current Gain Medium Power Transistor (20V, 0.5A)
|
Rohm
|
BCX79-IX BCX79-VII BCX79-VIII BCX79-X Q62702-C718 |
From old datasheet system PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 RES,SMC,681,0HM,1/4W/1%,1 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益低集电极发射极饱和电压
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
ZXTN19020DFF ZXTN19020DFFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V, SOT23F, NPN high gain power transistor
|
Diodes Incorporated
|
2SA1946 |
500mW SMD PNP transistor, maximum rating: -20V Vceo, -700mA Ic, 150 to 800 hFE. Complementary 2SC5212 FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
2SA1612 2SA1612C15 2SA1612C18 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | SOT-323 AUDIO FREQUENCY HIGH GAIN AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
|
ITT, Corp. NEC Corp. NEC[NEC]
|
NTE27 |
Germanium PNP Transistor High Current, High Gain Amp
|
NTE[NTE Electronics]
|
ZXT2M322TC ZXT2M322 ZXT2M322TA |
MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR 3500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. ZETEX[Zetex Semiconductors]
|
STT818A |
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
|
ST Microelectronics
|
2STF222007 |
High gain Low Voltage PNP power transistor
|
STMicroelectronics
|